(2,54 mm) .100" esw, esq series esq?110?44?t?d esq?132?14?g?d esw?115?12?g?s www.samtec.com specify lead style from chart below. mates with: tsw, mtsw, ew, mtlw, tss, zss, tsm, dw, zw, hw, tssh, htss type strip note: some lengths, styles and options are non-standard, non-returnable. esq = square tail lead style no. pins per row 1 plating option other op tion row option (2,54) .100 (5,08) .200 (7,49) .295 (2,54) .100 (4,95) .195 (2,54) .100 (2,41) .095 (2,54) .100 typ (0,41) .016 esw esq (0,64) .025 sq (2,54) .100 x no. of positions + (0,51) .020 (2,54) .100 x (0,79) .031 01 36 72 02 71 01 108 03 106 01 ?s ?d ?t (esq only) b a 01 thru 36 ?s = single row ?d = double row ?t = triple row (esq only) ?l = 10" (0,25 m) gold contact, matte tin on tail ?g = 20" (0.51 m) gold contact, gold flash on balance ?t = matte tin (n/a w/lif contact) applications self nesting sockets (esq series) a (2,29) .090 (7,36) .290 (4,83) .190 (2,29) .090 (12,19) .480 (9,65) .380 (7,11) .280 (4,57) .180 b (11,05) .435 (13,59) .535 (16,13) .635 (11,05) .435 (13,59) .535 (16,13) .635 (18,67) .735 standard insertion force ? 12 ? 13 ? 23 ? 33 ? 14 ? 24 ? 34 ? 44 low insertion force ? 37 ? 38 ? 48 ? 58 ? 39 ? 49 ? 59 ? 69 pc/104 ? j1/p1 ?stackthrough? connectors standard insertion force esq-132-14-g-d low insertion force esq-132-39-g-d pc/104 ? j1 ?non-stackthrough? connectors standard insertion force esq-132-12-g-d low insertion force esq-132-37-g-d pc/104 ? j2/p2 ?stackthrough? connectors standard insertion force esq-120-14-g-d low insertion force esq-120-39-g-d pc/104 is a trademark of the pc/104 consortium. f-213 ??xxx? = polarized ?ll = locking lead two leads per strip crimped. n/a with single row 1 or 2 positions. for complete speci cations see www.samtec.com?esw or www.samtec.com?esq insulator material: black glass filled polyester contact material: phosphor bronze plating: au or sn over 50? (1,27 ?) ni voltage rating: 550 vac mated with tsw or esq operating temp range: -55? to +125? with gold -55? to +105? with tin contact resistance: 10 m insertion depth: (3,68 mm) .145" to (6,35 mm) .250" insertion force: (single contact only) standard = 6 oz (1,67 n) avg. ((0,64 mm) .025" sq pin); esw low in ser tion force= 3 oz (0,83 n) avg. esq low insertion force= 3.3 oz (0,92 n) avg. normal force: standard = 125 grams (4,4 n) withdrawal force: (single contact only) standard = 5 oz (1,39 n) avg. ((0,64 mm) .025" sq pin); esw low in ser tion force= 2.6 oz (0,72 n) avg. esq low insertion force= 2.9 oz (0,81 n) avg. max cycles: 100 with 10? (0,25 ?) au rohs compliant: ye s lead-free solderable: wave only esw = solder tail specifications note: other gold plating options available. contact samtec. elevated socket current rating (per contact) ambient temp esw mated with tsw 20c 6.9a 40c 6.0a 60c 5.3a 95c 3.5a 6 positions (2x3) powered
|